Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N3290X Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

No. de pieza N3290X
Descripción Electrónicos  Display Control Application Processor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N3290X Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  N3290X Datasheet HTML 1Page - Nuvoton Technology Corporation N3290X Datasheet HTML 2Page - Nuvoton Technology Corporation N3290X Datasheet HTML 3Page - Nuvoton Technology Corporation N3290X Datasheet HTML 4Page - Nuvoton Technology Corporation N3290X Datasheet HTML 5Page - Nuvoton Technology Corporation N3290X Datasheet HTML 6Page - Nuvoton Technology Corporation N3290X Datasheet HTML 7Page - Nuvoton Technology Corporation N3290X Datasheet HTML 8Page - Nuvoton Technology Corporation N3290X Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
5
Release Date: Oct., 2018
http://www.nuvoton.com/
Rev. A6.2
1.
GENERAL DESCRIPTION
The N3290x seires built on the ARM926EJ-S CPU core and integrated with JPEG codec, CMOS
sensor interface, 32-channel SPU (Sound Processing Unit), ADC, DAC, for meeting various kinds of
application needs while saving the BOM cost.
The combination of ARM926 @ 200MHz, synchronous
DRAM, 2D BitBLT accelerator, CMOS image sensor interface, LCD panel interface, USB 1.1 Host &
USB2.0 HS Device makes N3290x series the best choice for LCD ELA devices.
Maximum resolution for N3290 series is XVGA (1,024x768) @ TFT LCD panel. The 2D BitBLT
accelerator accelerates the graphic compution to make the rendering smooth and off-load CPU to save
power consumption.
The N3290x seires is well-positioned in terms of cost/performance for the applications which bitmap
graphics is extensively used or CMOS Image Sensor (CIS) interface is required.
The N3290x series is for application under Linux OS and leverage the driver availability of emerging
functionalities like Wi-Fi, browser, etc. On the other hand, the open source code environment also give
the product development more flexible.
To meet the different requirement of the overall system BOM cost, the different size of DRAM is
stacked with N3290x main SoC into one package, that is, multi-chip package (MCP). The N32901x
series particularly designed with 1Mbitx16 3.3V SDRAM. The N32903x series particularly designed
with 4Mbitx16 1.8V DDR SDRAM. One 16Mbitx16 1.8V DDR2 SDRAM stacked inside the N32905x
series to ensure higher performance and minimize the system design efforts, like EMI & noise
coupling. Total BOM cost could be reduced by employing 2-layer PCB along with the elimination of
damping resistors, EMI prevention components, etc. Advantages including, but not limited to, less PCB
space, shorter lead time, and higher / reliable production yield.
1.1
Applications
ELA (Educational Learning Aid)
HMI
Security
Home Appliance
Advertisement


Número de pieza similar - N3290X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N3290X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S5P4418 SAMSUNG-S5P4418 Datasheet
12Mb / 1482P
   Application Processor
logo
List of Unclassifed Man...
JZ4770 ETC1-JZ4770 Datasheet
1Mb / 47P
   Mobile Application Processor
logo
Zoran Corporation
ZR34530 ZORAN-ZR34530_1 Datasheet
91Kb / 2P
   Mobile Multimedia Application Processor
logo
STMicroelectronics
STN8815A09 STMICROELECTRONICS-STN8815A09 Datasheet
324Kb / 22P
   Mobile multimedia application processor
STN8820 STMICROELECTRONICS-STN8820 Datasheet
239Kb / 4P
   Mobile multimedia application processor
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
STMicroelectronics
STN8810 STMICROELECTRONICS-STN8810_08 Datasheet
300Kb / 16P
   Mobile multimedia application processor
STN8815A12 STMICROELECTRONICS-STN8815A12 Datasheet
300Kb / 22P
   Mobile multimedia application processor
STN8815P14 STMICROELECTRONICS-STN8815P14 Datasheet
324Kb / 22P
   Mobile multimedia application processor
STN8811A12 STMICROELECTRONICS-STN8811A12 Datasheet
348Kb / 18P
   Mobile multimedia application processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com