Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A6516 Datasheet(PDF) 1 Page - AIT Components Ltd.

No. de Pieza. A6516
Descripción  LOW DROPOUT VOLTAGE REGULATOR 500mA LOW CONSUMPTION
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A6516 Datasheet(HTML) 1 Page - AIT Components Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6516
LOW DROPOUT VOLTAGE REGULATOR
500mA LOW CONSUMPTION
REV1.0
- MAR 2017 RELEASED -
- 1 -
DESCRIPTION
FEATURES
A6516 series is a group of positive voltage output,
low power consumption, low dropout voltage
regulator. It can provide 300mA output current
when input / output voltage differential drops to
600mV (VOUT= 3.3V), And it also provides foldback
short-circuit protection, thermal protection and
output current limit function. The very low power
consumption of A6516 (IQ=10uA)can greatly
improve natural life of batteries.
A6516 can provide output value in the range of
1.2V~5.0V in 0.1V steps. It also can customized on
command.
A6516 includes high accuracy voltage reference,
error amplifier, current limit circuit and output driver
module.
A6516 has well load transient response and good
temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy
within±2%.
The A6516 is available in SOT-25 package.
ORDERING INFORMATION
Package Type
Part Number
SOT-25
SPQ: 3,000pcs/Reel
E5
A6516E5R-XX
A6516E5VR-XX
Note
XX: Output Voltage
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
Low Power Consumption: 10uA(Typ.)
Maximum Output Current: 500mA
Small Dropout Voltage
600mV@300mA (VOUT=3.3V)
1.2V@500mA (VOUT=3.3V)
Input Voltage Range: 3V~16V
Output Voltage Range: 1.2V~5.0V
(customized on command in 0.1V steps)
Highly Accurate:±2%(±1% customized)
Output Current Limit: 500mA
Available in SOT-25 Package
APPLICATION
Battery Powered equipment
Power Management of MP3、PDA、DSC、
Mouse、PS2 Games
Reference Voltage Source Regulation after
Switching Power
TYPICAL APPLICATION
NOTE: Input capacitor (CIN=1uF) and Output
capacitor (COUT=1uF) are recommended in all
application
circuit.
Ceramic
capacitor
is
recommended.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn