Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A6516 Datasheet(PDF) 3 Page - AIT Components Ltd.

No. de Pieza. A6516
Descripción  LOW DROPOUT VOLTAGE REGULATOR 500mA LOW CONSUMPTION
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A6516 Datasheet(HTML) 3 Page - AIT Components Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6516
LOW DROPOUT VOLTAGE REGULATOR
500mA LOW CONSUMPTION
REV1.0
- MAR 2017 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
Max Input Voltage
20V
TJ, Operating Junction Temperature
125°C
TA, Ambient Temperature
-40°C~ 85°C
Power Dissipation(PD@TA=25°C)
SOT-25
400mW
TS, Storage Temperature
-40°C ~ 150°C
Lead Temperature & Time
260°C, 10sec
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Min.
Recommended
Max.
Units
Input Voltage Range
16
V
Ambient Temperature
-40
85
°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn