Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A6516 Datasheet(PDF) 5 Page - AIT Components Ltd.

No. de Pieza. A6516
Descripción  LOW DROPOUT VOLTAGE REGULATOR 500mA LOW CONSUMPTION
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A6516 Datasheet(HTML) 5 Page - AIT Components Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6516
LOW DROPOUT VOLTAGE REGULATOR
500mA LOW CONSUMPTION
REV1.0
- MAR 2017 RELEASED -
- 5 -
TYPICAL PERFORMANCE CHARACTERISTICS
1.
Load Regulation
2.
Line Regulation
3.
Dropout
4.
IQ
5.
Current Limit


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn