Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AG2104M8R Datasheet(PDF) 1 Page - AIT Components Ltd.

No. de Pieza. AG2104M8R
Descripción  MOSFET/IGBT GATE DRIVER
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

AG2104M8R Datasheet(HTML) 1 Page - AIT Components Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AG2104
MOSFET/IGBT GATE DRIVER
HALF-BRIDGE DRIVER
REV1.0
- NOV 2017 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The AG2104 is a high voltage, high speed power
MOSFET and IGBT driver based on P_SUB P_EPI
process. The floating channel driver can be used to
drive two N-channel power MOSFET or IGBT in a
half-bridge configuration which operates up to 600V.
Logic inputs are compatible with standard CMOS or
LSTTL output, down to 3.3V logic. The output drivers
feature a high pulse current buffer stage designed for
minimum driver cross conduction. Propagation delays
are matched to simplify use in high frequency
applications.
AG2104 is available in a SOP8 package.
Fully operational to +600V
3.3V logic compatible
dV/dt Immunity ±50V/nsec
Floating channel designed for bootstrap
operation
Gate drive supply range from 10V to 20V
UVLO for low side channels
Output Source / Sink Current Capability 400mA
/650mA
Cross Conduction Protection with 520ns
Internal Fixed Dead Time
-10V negative Vs ability
Matched propagation delay for both channels
Available in a SOP8 package.
ORDERING INFORMATION
APPLICATION
Package Type
Part Number
SOP8
SPQ: 4,000pcs/Reel
M8
AG2104M8R
AG2104M8VR
Note
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
Small and medium- power motor driver
Power MOSFET or IGBT driver
TYPICAL APPLICATION CIRCUIT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn