Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AG2104M8R Datasheet(PDF) 4 Page - AIT Components Ltd.

No. de Pieza. AG2104M8R
Descripción  MOSFET/IGBT GATE DRIVER
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

AG2104M8R Datasheet(HTML) 4 Page - AIT Components Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AG2104
MOSFET/IGBT GATE DRIVER
HALF-BRIDGE DRIVER
REV1.0
- NOV 2017 RELEASED -
- 4 -
ELECTRICAL CHARACTERISTICS
VBIAS (VCC, VBS) = 15V, CL = 1000pF and TA = 25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Dynamic Electrical Characteristics
Turn-On Propagation Delay
ton
-
650
800
ns
Turn-Off Propagation Delay
toff
-
140
210
Shutdown Propagation Delay
tsd
-
140
210
Dead TIME, LS Turn-Off to HS Turn-On
& HS Turn-On to LS Turn-Off
DT
-
520
650
Delay Matching
MT
-
-
60
Turn-On Rise Time
tr
-
70
140
Turn-Off Fall Time
tf
-
50
90
Static Electrical Characteristics
Logic “1”(IN) Input Voltage
VIH
3
-
-
V
Logic “0” (IN) Input Voltage
VIL
-
-
0.8
SD Input Positive Going Threshold
VSD,TH+
3
-
-
SD Input Negative Going Threshold
VSD,TH-
-
-
0.8
High Level Output Voltage, VBIAS - VO
VOH
-
-
0.1
Low Level Output Voltage, VO
VOL
-
-
0.1
Quiescent VCC Supply Current
IQCC
-
150
270
μA
Quiescent VB Supply Current
IQB
-
30
55
Leakage Current from VS(600V) to GND
ILK
-
-
50
Logic “1” Input Bias Current
IIN+
-
6
15
Logic “0” Input Bias Current
IIN-
-
-
1
VCC Supply UVLO Threshold
VCCU+
-
8.7
-
V
VCCU-
-
8
-
Output High Short Circuit Pulsed Current
IO+
-
400
-
mA
Output Low Short Circuit Pulsed Current
IO-
-
650
-


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn