Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A6700K5R-50 Datasheet(PDF) 10 Page - AIT Components Ltd.

No. de Pieza. A6700K5R-50
Descripción  LOW DROPOUT VOLTAGE REGULATOR
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A6700K5R-50 Datasheet(HTML) 10 Page - AIT Components Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6700
LOW DROPOUT VOLTAGE REGULATOR
700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
- MAY 2009 RELEASED, JUN 2017 UPDATED -
- 10 -
Dimension in SOT89-5 (Unit: mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.020
b1
0.360
0.560
0.014
0.022
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
1.400
1.800
0.055
0.071
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
1.500 TYP.
0.060 TYP.
e1
2.900
3.100
0.114
0.122
L
0.900
1.100
0.035
0.043


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn