Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A6700K5R-50 Datasheet(PDF) 6 Page - AIT Components Ltd.

No. de Pieza. A6700K5R-50
Descripción  LOW DROPOUT VOLTAGE REGULATOR
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A6700K5R-50 Datasheet(HTML) 6 Page - AIT Components Ltd.

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6700
LOW DROPOUT VOLTAGE REGULATOR
700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
- MAY 2009 RELEASED, JUN 2017 UPDATED -
- 6 -
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT=3V
1. Output Voltage vs. Output Current
CIN=1μF(Ceramic), CL=1μF(Ceramic), VIN=4.0
2. Output Voltage vs. Input Voltage (Contd.)
CIN=1μF(Ceramic), CL=1μF(Ceramic),TA=25
3. Dropout Voltage vs. Output Current
CIN=1μF(Ceramic), CL=1μF(Ceramic)
4. Supply Current vs. Supply Voltage
CIN=1μF(Ceramic), CL=1μF(Ceramic)
5. Output Voltage vs. Ambient Temperature
CIN=1μF(Ceramic), CL=1μF(Ceramic), VIN=4.0
6. Ripple Rejection Rate
VIN=4VDC+0.5Vp-pAC, IOUT=30mA, TA=25℃
CIN=1μF(Ceramic), CL=1μF(Ceramic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn