Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32707R3DN Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

No. de pieza N32707R3DN
Descripción Electrónicos  ARM926-based Media Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32707R3DN Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Back Button N32707R3DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32707R3DN Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
25
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
GPE[7]
GPIO Port E Bit 7
SDCMD
IOU
SD Port 0 Command/Response
GPE[6]
GPIO Port E Bit 6
SDDAT[0]
IOU
SD Port 0 Data Bit 0
GPE[2]
GPIO Port E Bit 2
SDDAT[1]
IOU
SD Port 0 Data Bit 1
GPE[3]
GPIO Port E Bit 3
SDDAT[2]
IOU
SD Port 0 Data Bit 2
GPE[4]
GPIO Port E Bit 4
SDDAT[3]
IOU
SD Port 0 Data Bit 3
GPE[5]
GPIO Port E Bit 5
GPIO A
GPA[0]
IOU
GPIO Port A Bit 0
GPA[1]
IOU
GPIO Port A Bit 1
SD_CD_
SD Card Detect, Input, Low Active
GPA[2]
IOU
GPIO Port A Bit 2
LMVSYNC
MPU Mode VSYNC, Output
LFMARK
Frame Mark, Input
KPI_SO[0]
KPI Scan Out Bit 0
GPA[3]
IOU
GPIO Port A Bit 3
UHL_DP1
USB Host 1.0 Lite Port 1, D+
KPI_SO[1]
KPI Scan Out Bit 1
GPA[4]
IOU
GPIO Port A Bit 4
UHL_DM1
USB Host 1.0 Lite Port 1, D-
KPI_SO[2]
KPI Scan Out Bit 2
GPA[5]
IOU
GPIO Port A Bit 5
SPI0_CS1_
SPI Port 0 Device Select 1, Output, Low
Active
KPI_SO[3]
KPI Scan Out Bit 3
GPA[6]
IOU
GPIO Port A Bit 6
SPI1_CS1_
SPI Port 1 Device Select 1, Output, Low


Número de pieza similar - N32707R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32707R3DN NUVOTON-N32707R3DN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
More results

Descripción similar - N32707R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
N3291XUXDN NUVOTON-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com