Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

N32008R3DN Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

No. de Pieza. N32008R3DN
Descripción  ARM926-based Media Processor
Descarga  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo 

N32008R3DN Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
10
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
A normal UART supported:
Baud rate is up to 115.2K bps
2 signals TX and RX supported only
SPI
One SPI controller is supported
Both master and slave mode are supported in SPI interface
Two chip selection signals for two SPI devices
I2C
One I2C channel supported
Compatible with Philips’s I2C standard and only master mode supported
Multi-master operation supported
Advanced Interrupt Controller
Total 32 interrupt source supported
Configurable interrupt type:
Low-active level triggered interrupt
High-active level triggered interrupt
Low-active edge (falling edge) triggered interrupt
High-active edge (rising edge) triggered interrupt
Individual interrupt mask bit for each interrupt source
8 different priority levels supported
Daisy-chain priority mechanism supported for interrupts with same priority level
Low priority interrupt automatic masking supported for interrupt nesting
RTC
Independent power plane supported
32.768 KHz crystal oscillation circuit supported
Time counter (second, minute, hour) and Calendar counter (day, month, year) supported
Alarm supported (second, minute, hour, day, month and year)
12/24-hour mode and Leap year supported
Alarm to wake chip up from Standby mode or from Power-down mode supported
Wake chip up from Power-down mode by input pin supported
Power-off chip by register setting supported
Power-on timeout is supported for low battery protection
GPIO
80 programmable general purpose I/Os supported and separated into 5 groups
Individual configuration supported for each I/O signal
Configurable interrupt control functions supported
Configurable de-bounce circuit supported for interrupt function
ADC
Multi-channel, 10-bit ADC supported
2 channels dedicated for 4-wire resistive touch sensor inputs
2 channels dedicated for Audio ADC with Microphone pre-Amp & AGC
3 channels reserved for various purposes, like LVD (Low Voltage Detection), keypad
input, and light sensor
Input voltage range from 0V ~ 3.3V supported


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn