Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32027R3DN Datasheet(PDF) 15 Page - Nuvoton Technology Corporation

No. de pieza N32027R3DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32027R3DN Datasheet(HTML) 15 Page - Nuvoton Technology Corporation

Back Button N32027R3DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32027R3DN Datasheet HTML 19Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
N3291xUxDN Data Sheet
- 15 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
GPD[7]
GPIO Port D Bit 7
NWR_
IOU
NAND Interface Write Enable, Output, Low Active
SDCMD2
SD Port 2 Command/Response
GPD[8]
GPIO Port D Bit 8
ND[7]
IOU
NAND Interface Data Bit 7
SPI0_CS0_
SPI Port 0 CS0, Active Low
GPA[15]
GPIO Port A Bit 15
ND[6]
IOU
NAND Interface Data Bit 6
SPI0_CLK
SPI Port 0 Serial Clock Signal
GPA[14]
GPIO Port A Bit 14
ND[5]
IOU
NAND Interface Data Bit 5
SPI0_DI
SPI Port 0 Serial Data Input
UHL_DM0
USB 1.1 Host Like Port 0 D- Signal
GPA[13]
GPIO Port A Bit 13
ND[4]
IOU
NAND Interface Data Bit 4
SPI0_DO
SPI Port 0 Serial Data Output
UHL_DP0
USB 1.1 Host Like Port 0 D+ Signal
GPA[12]
GPIO Port A Bit 12
ND[3]
IOU
NAND Interface Data Bit 3
SDDAT2[3]
SD Port 3 Data Bit 3
ND[2]
IOU
NAND Interface Data Bit 2
ND[1]
IOU
NAND Interface Data Bit 1
ND[0]
IOU
NAND Interface Data Bit 0
Sensor/Video-In Interface
SCLKO
IOU
Clock to Sensor Module, Output
UHL_DP1
USB Host Like Interface, DP
SDDAT1[1]
SD Port 1 Data Bit 1
GPB[0]
GPIO Port B Bit 0


Número de pieza similar - N32027R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32027R3DN NUVOTON-N32027R3DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32027R3DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com