Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32901R5DN Datasheet(PDF) 24 Page - Nuvoton Technology Corporation

No. de pieza N32901R5DN
Descripción Electrónicos  ARM926-based Media Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32901R5DN Datasheet(HTML) 24 Page - Nuvoton Technology Corporation

Back Button N32901R5DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32901R5DN Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
24
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
GPC[15]
GPIO Port C Bit 15
LVDATA[16]
IOU
LCD Interface Data Bit 16
SHSYNC
Sensor Interface HSYNC, Input
GPE[0]
GPIO Port E Bit 0
LVDATA[17]
IOU
LCD Interface Data Bit 17
SVSYNC
Sensor Interface VSYNC, Input
GPE[1]
GPIO Port E Bit 1
UART Interface
URTXD
IOU
UART TX Data, Output
SPI1_CS1_
SPI Port 1 Device Select 1, Output, Low
Active
GPA[10]
GPIO Port A Bit 10
URRXD
IOU
UART RX Data, Input
LMVSYNC
MPU Mode VSYNC, Output
LFMARK
Frame Mark, Input
GPA[11]
GPIO Port A Bit 11
SPI 0 Interface
SPI0_CLK
IOU
SPI Port 0 Clock
Output in Master Mode
Input in Slave Mode
GPD[12]
GPIO Port D Bit 12
SPI0_CS0_
IOU
SPI Port 0 Device Select 0, Low Active
Output in Master Mode
Input in Slave Mode
GPD[13]
GPIO Port D Bit 13
SPI0_DI
IOU
SPI Port 0 Data Input
GPD[14]
GPIO Port D Bit 14
SPI0_DO
IOU
SPI Port 0 Data Output
GPD[15]
GPIO Port D Bit 15
SD Card Interface
SDCLK
IOU
SD Port 0 Clock, Output


Número de pieza similar - N32901R5DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32901R5DN NUVOTON-N32901R5DN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
More results

Descripción similar - N32901R5DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
N3291XUXDN NUVOTON-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com