Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM7575 Datasheet(PDF) 5 Page - OKI electronic componets

No. de pieza MSM7575
Descripción Electrónicos  Multi-Function PCM CODEC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7575 Datasheet HTML 1Page - OKI electronic componets MSM7575 Datasheet HTML 2Page - OKI electronic componets MSM7575 Datasheet HTML 3Page - OKI electronic componets MSM7575 Datasheet HTML 4Page - OKI electronic componets MSM7575 Datasheet HTML 5Page - OKI electronic componets MSM7575 Datasheet HTML 6Page - OKI electronic componets MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/25
¡ Semiconductor
MSM7575
TOUT1, TOUT2, TOUT3
These are pins for outputs of the NOR gates whose inputs are the comparator output signal
between the SAO output level and the SG level, and each register signal stored by the MCU
interface.
The each output is NOR-gated with the comparator output and the invented signal of CR1-B7 at
TOUT3, the inverted signal of CR1-B6 at TOUT2, and the inverted signal of CR1-B5 at TOUT1.
AVIN, REF1, REF2
These pins are for inputs of two comparators internal to the device. AVIN is connected to each
non-inverting input of comparator1 and comparator2. REF1 is connected to an inverting input
of comparator1 and REF2 is connected to an inverting input of comparator2. The output of each
comparator is connected to the input of ENOR. The interval analog switch SW1 is ON/OFF
controlled by the output which is the logical OR of the ENOR and the CR5-B7 signal. When CR5-
B7 is at "0", the SW1 is turned to OFF if AVIN is within the voltage range of REF1 and REF2 and
the SW1 is turned to ON if AVIN is out of the voltage range of REF1 and REF2.
AIN3+, AIN3-, GSX3, AIN4+, AIN4-, GSX4
These pins are for inputs and outputs of the internal op-amps. Refer to BLOCK DIAGRAM for
the connection.
IO1 to IO14
These pins are for inputs and outputs of the internal analog switch. Refer to BLOCK DIAGRAM
and FUNCTIONAL DESCRIPTION for the connection and the control method.
X1, X2
Crystal oscillator connection pins. X2 is for the clock output pin. When a conventional external
clock is used, X1 should be connected to the ground, X2 should be left open, and the clock should
be input to the MCK pin.
X1
MCK
9.6 MHz or
19.2 MHz
For the use of a self-oscilation circut
X2
MSM7575
X1
MCK
For the use of an external clock
X2
MSM7575
9.6 MHz or
19.2 MHz
Figure 2 Connection to a Crystal Oscillator or an External Clock


Número de pieza similar - MSM7575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
   5V Sinlge-Rail ADPCM CODECs
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-02 OKI-MSM7570L-02 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-XX OKI-MSM7570L-XX Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
More results

Descripción similar - MSM7575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
   Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com