Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

N32014U6DN Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

No. de Pieza. N32014U6DN
Descripción  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Descarga  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo 

N32014U6DN Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
N3291xUxDN Data Sheet
- 8 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
16-bit stereo DAC supported with headphone driver output.
H/W volume control supported.
Built-in PLL for supporting various sampling rate.
I2S Controller
I2S interface supported to connect external audio codec.
16/18/20/24-bit data format supported.
Storage Interface Controller
Interface to NAND Flash:
8-bit data bus width supported.
SLC and MLC type NAND Flash supported.
512B, 2KB, 4KB, and 8KB page size NAND Flash supported.
ECC4, ECC8, ECC12, ECC15 and ECC24 algorithm supported for ECC generation,
error detection and error correction.
Interface to SD/MMC/SDIO/SDHC/micro-SD cards supported.
SD-to-NAND flash bridge supported.
DMA function supported to accelerate the data transfer between system memory and
NAND Flash or SD/MMC/SDIO/SDHC/micro-SD.
USB Device Controller
USB2.0 HS (High-Speed) x 1 port.
6 configurable endpoints supported.
Control, Bulk, Interrupt and Isochronous transfers supported.
Suspend and remote wakeup supported.
USB Host Controller
USB1.1 Host x 2 ports.
Fully compliant with USB Revision 1.1 specification.
Open Host Controller Interface (OHCI) Revision 1.0 compatible.
Full-speed (12Mbps) and low-speed (1.5Mbps) USB devices supported.
Control, Bulk, Interrupt and Isochronous transfers supported.
Timer & Watch-Dog Timer
Two 32-bit with 8-bit pre-scalar timers supported.
One programmable 24-bit Watch-Dog Timer supported.
PWM
4 PWM channel outputs supported.
16-bit counter supported for each PWM channel.
Two 8-bit pre-scalars supported and each pre-scalar shared by two PWM channels.
Two clock-dividers supported and each divider shared by two PWM channels.
Two Dead-Zone generators supported and each generator shared by two PWM channels.
Auto reloaded mode and one-shot pulse mode supported.
Capture function supported.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn