Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32901U7DN Datasheet(PDF) 47 Page - Nuvoton Technology Corporation

No. de pieza N32901U7DN
Descripción Electrónicos  ARM926-based Media Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32901U7DN Datasheet(HTML) 47 Page - Nuvoton Technology Corporation

Back Button N32901U7DN Datasheet HTML 39Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 40Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 41Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 42Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 43Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 44Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 45Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 46Page - Nuvoton Technology Corporation N32901U7DN Datasheet HTML 47Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
47
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
8.
REVISION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A0
Jul. 25, 2012
ALL
 Initial release.
A1
Aug. 1, 2012
36
 Add stacked DRAM size into order Information
A2
Aug. 30, 2012
ALL
 Add N32901U1DN Information
 Correct the N32905U2DN Pin Diagram
A2.1
Sept. 17, 2012
22
 1Mx16 MVDD and MVDDQ are changed from 3.3V to
1.8V for consistence with N32905 and N32903
A3
Oct. 15, 2012
23,35
 Extend Operation Temperature Range
 Add Parts Feature Difference Table
A3.1
Oct. 26, 2012
35
 Add Part Number Definition
A3.2
Nov. 8, 2012
6,7,8,9
 Add CCIR Still Image and Video Recommanded
Resolutions.
 Add
LCD
Display
for
Still
Image
and
Video
Recommanded Resolutions.
 Modify One SPI H/W Engine to Support Two SPI Devices
by Two Chip Selection Signals when SPI0 is in Master
Mode. For LQFP128 package, only SPI0 is active.
 Add USB 1.1 Host One H/W Controller, Three Different
Pin Locations Information.
A3.3
Nov. 10, 2012
35
 Remove Adobe Flash Feature from Comparision Table.
A3.4
Jan. 21, 2013
4, 5, 10, 23
 Update the AC characteristics.
A4.0
Mar. 15, 2013
ALL
 Add N32903R1DN
A5.0
May. 1, 2013
ALL
 Add N32901R1DN Information.
 Add N32901U2DN Information.
A5.1
May. 3,2013
28
 Add SDRAM and DDR Operation Voltage Spec
Important Notice
Nuvoton Products are neither intended nor warranted for usage in systems or equipment, any malfunction or
failure of which may cause loss of human life, bodily injury or severe property damage. Such applications are
deemed, “Insecure Usage”.
Insecure usage includes, but is not limited to: equipment for surgical implementation, atomic energy control
instruments, airplane or spaceship instruments, the control or operation of dynamic, brake or safety systems
designed for vehicular use, traffic signal instruments, all types of safety devices, and other applications
intended to support or sustain life.
All Insecure Usage shall be made at customer’s risk, and in the event that third parties lay claims to Nuvoton
as a result of customer’s Insecure Usage, customer shall indemnify the damages and liabilities thus incurred
by Nuvoton.


Número de pieza similar - N32901U7DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32901U7DN NUVOTON-N32901U7DN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
More results

Descripción similar - N32901U7DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
N3291XUXDN NUVOTON-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor with Video Decode Accelerator
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com