Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
N32726U8DN Datasheet(PDF) 19 Page - Nuvoton Technology Corporation |
|
N32726U8DN Datasheet(HTML) 19 Page - Nuvoton Technology Corporation |
19 / 47 page N3290X DATASHEET Nuvoton Technology Corp. 19 Release Date: May. 2013 http://www.nuvoton.com/ Rev. A5.1 4. PIN DESCRIPTION 4.1 Pin Description & Cross Reference Pin Name I/O Type Description Clock & Reset XIN I 27MHz/12MHz Crystal Input ● ● ● ● ● ● ● XOUT O 27MHz/12MHz Crystal Output ● ● ● ● ● ● ● RST_ IOSU System Reset, Input, Low Active Watch-Dog Reset, Output, Low Active ● ● ● ● ● ● ● JTAG Interface TCK IOD JTAG Interface Test Clock, Input ● ● ● ● ● SPI1_CS1_ SPI Port 1 Device Select 1, Output, Low Active PWM0 PWM Channel 0 GPD[0] GPIO Port D Bit 0 TMS IOU JTAG Interface Test Mode Select, Input ● ● ● ● ● ● ● HUR_TXD High-Speed UART TX Data, Output PWM1 PWM Channel 1 GPD[1] GPIO Port D Bit 1 TDI IOU JTAG Interface Test Data In, Input ● ● ● ● ● ● ● HUR_RXD High-Speed UART RX Data, Input PWM2 PWM Channel 2 GPD[2] GPIO Port D Bit 2 TDO IOU JTAG Interface Test Data Out, Output ● ● ● ● ● HUR_CTS High-Speed UART Clear-To-Send, Input, Low Active PWM3 PWM Channel 3 GPD[3] GPIO Port D Bit 3 TRST_ IOU JTAG Interface Test Reset, Input, Low Active ● ● ● ● ● HUR_RTS High-Speed UART Reset-To-Send, Output, Low Active SPI0_CS1_ SPI Port 0 Device Select 1, Output, Low Active GPD[4] GPIO Port D Bit 4 |
Número de pieza similar - N32726U8DN |
|
Descripción similar - N32726U8DN |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |