Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32902R9DN Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

No. de pieza N32902R9DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32902R9DN Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Back Button N32902R9DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32902R9DN Datasheet HTML 22Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
N3291xUxDN Data Sheet
- 18 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
LPCLK
IOU
LCD Interface Pixel Clock, Output
GPB[15]
GPIO Port B Bit 15
LHSYNC
IOU
LCD Interface HSYNC, Output, High Active
GPD[9]
GPIO Port D Bit 9
LVSYNC
IOU
LCD Interface VSYNC, Output, High Active
GPD[10]
GPIO Port D Bit 10
LVDE
IOU
LCD Interface Data Enable, Output, High Active
GPD[11]
GPIO Port D Bit 11
LVDATA[0]
IOU
LCD Interface Data Bit 0
KPI_SO[0]
KPI Scan Out Bit 0
GPC[0]
GPIO Port C Bit 0
LVDATA[1]
IOU
LCD Interface Data Bit 1
KPI_SO[1]
KPI Scan Out Bit 1
GPC[1]
GPIO Port C Bit 1
LVDATA[2]
IOU
LCD Interface Data Bit 2
KPI_SO[2]
KPI Scan Out Bit 2
GPC[2]
GPIO Port C Bit 2
LVDATA[3]
IOU
LCD Interface Data Bit 3
KPI_SO[3]
KPI Scan Out Bit 3
GPC[3]
GPIO Port C Bit 3
LVDATA[4]
IOU
LCD Interface Data Bit 4
KPI_SO[4]
KPI Scan Out Bit 4
GPC[4]
GPIO Port C Bit 4
LVDATA[5]
IOU
LCD Interface Data Bit 5
KPI_SO[5]
KPI Scan Out Bit 5
GPC[5]
GPIO Port C Bit 5
LVDATA[6]
IOU
LCD Interface Data Bit 6
KPI_SO[6]
KPI Scan Out Bit 6


Número de pieza similar - N32902R9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32902R9DN NUVOTON-N32902R9DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32902R9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com