Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
N32000U9DN Datasheet(PDF) 7 Page - Nuvoton Technology Corporation |
|
N32000U9DN Datasheet(HTML) 7 Page - Nuvoton Technology Corporation |
7 / 47 page N3290X DATASHEET Nuvoton Technology Corp. 7 Release Date: May. 2013 http://www.nuvoton.com/ Rev. A5.1 international JPEG standard supported. Planar Format Support to encode interleaved YCbCr 4:2:2/4:2:0 and gray-level (Y only) format image Support to decode interleaved YCbCr 4:4:4/4:2:2/4:2:0/4:1:1 and gray-level (Y only) format image Support to decode YCbCr 4:2:2 transpose format Support arbitrary width and height image encode and decode Support three programmable quantization-tables Support standard default Huffman-table and programmable Huffman-table for decode Support arbitrarily 1X~8X image up-scaling function for encode mode Support down-scaling function for encode and decode modes Support specified window decode mode Support quantization-table adjustment for bit-rate and quality control in encode mode Support rotate function in encode mode Packet Format Support to encode interleaved YUYV format input image, output bitstream 4:2:2 and 4:2:0 format Support to decode interleaved YCbCr 4:4:4/4:2:2/4:2:0 format image Support decoded output image RGB555, RGB565 and RGB888 formats. The encoded JPEG bit-stream format is fully compatible with JFIF and EXIF standards Support arbitrary width and height image encode and decode Support three programmable quantization-tables Support standard default Huffman-table and programmable Huffman-table for decode Support arbitrarily 1X~8X image up-scaling function for encode mode Support down-scaling function 1X~ 16X for Y422 and Y420, 1X~ 8X for Y444 for decode mode Support specified window decode mode Support quantization-table adjustment for bit-rate and quality control in encode mode 2D Accelerator BitBLT operation 2x2 transform matrix with effects: Scale Translate Rotate Shear Alpha blending and color transformation supported Source format for operations: supported color format of source bitmap Fill Rectangle Fill with single color – ARGB8888 Fill with blending effect supported Supported color formats Source 16 bits/pixel – RGB565 32 bits/pixel – ARGB8888 1 bit/pixel, 2 bits/pixel, 4 bits/pixel, 8 bits/pixel with RGB color palette Destination 16 bits/pixel – RGB565 32 bits/pixel – ARGB8888 |
Número de pieza similar - N32000U9DN |
|
Descripción similar - N32000U9DN |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |