Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32017U9DN Datasheet(PDF) 27 Page - Nuvoton Technology Corporation

No. de pieza N32017U9DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32017U9DN Datasheet(HTML) 27 Page - Nuvoton Technology Corporation

Back Button N32017U9DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32017U9DN Datasheet HTML 31Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
N3291xUxDN Data Sheet
- 27 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
5. ELECTRICAL SPECIFICATION
5.1 Absolute Maximum Rating
PARAMETERS
VALUES
Ambient Temperature
-20 °C ~ 85 °C
Storage Temperature
-40 °C ~ 125 °C
Voltage On Any Pin
-0.3V ~ 3.6V
Power Supply Voltage (Core Logic)
-0.5V ~ 1.8V
Power Supply Voltage (I/O Buffer)
-0.5V ~ 4.6V
Injection Current (Latch-Up Testing)
100mA
Crystal Frequency
2MHz ~ 27MHz
5.2 DC Characteristics (Normal I/O)
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
VDD33
I/O Buffer Post-Driver
Voltage
3.0
3.3
3.6
V
VDD12
Core
Logic
and
I/O
Buffer
Pre-
Driver
Voltage
300MHz
1.08
1.2
1.32
V
MVDD18
DRAM Power Voltage
1.7
1.8
1.9
V
RTC_VDD
RTC Power Supply
2.0
-
3.6
V
IRTC_VDD
RTC Supply Current
-
4
-
uA
VIH
Input High Voltage
2.0
-
VDD33+0.3
V
VIL
Input Low Voltage
-0.3
-
0.8
V
VT+
Schmitt Trigger Low to
High Threshold Point
1.5
1.7
1.9
V
VT-
Schmitt Trigger High to
Low Threshold Point
0.9
1.1
1.2
V


Número de pieza similar - N32017U9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32017U9DN NUVOTON-N32017U9DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32017U9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com