Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N32028U9DN Datasheet(PDF) 29 Page - Nuvoton Technology Corporation

No. de pieza N32028U9DN
Descripción Electrónicos  ARM926EJ-S Based Media Processor with Video Decode Accelerator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32028U9DN Datasheet(HTML) 29 Page - Nuvoton Technology Corporation

Back Button N32028U9DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 32Page - Nuvoton Technology Corporation N32028U9DN Datasheet HTML 33Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
N3291xUxDN Data Sheet
- 29 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
5.3 Audio DAC Characteristics
Conditions: AVDD:3.3V, VDD:1.2V, TA:25℃, Fsignal:1KHz, Fsampling:48KHz, MCLK:256xFsampling
PARAMETER
MIN
TYP
MAX
UNIT
Operating Voltage AVDD
3.0
3.3
3.6
V
Operating Voltage VDD
1.08
1.2
1.34
V
Reference Voltage
-
AVDD/2
-
V
Line Output
Resolution
-
16
-
Bit
L-Channel Total Harmonic Distortion (THD)
-
-90
-76
dB
R-Channel Total Harmonic Distortion (THD)
-
-90
-76
dB
Dynamic Range (-60dB input, A-weighted)
90
101.6
-
dB
SNR (A-weighted)
90
101.6
-
dB
Channel Separation
-
100
-
dB
Channel Matching
-
0.2
-
dB
Full Scale output voltage
-
AVDD(3.3)
-
Vrms
Load Resistor
10
-
-
Kohm
Load Capacitor
-
-
50
pF
Analog Mute
-
100
-
dB
Headphone Output
Maximum Output Power (Po) @ 32ohm load
-
-
31
mW
Maximum Output Power (Po) @ 16ohm load
-
-
62
mW
L-Channel SNR (A-weighted)
90
96
-
dB
R-Channel SNR (A-weighted)
90
96
-
dB
L-Channel THD @ 32ohm load, Po=10mW
-
-76
-70
dB
R-Channel THD @ 32ohm load, Po=10mW
-
-76
-70
dB
Power Supply Current in Normal Mode (including PLL, no loading)
AVDD(3.3V)
-
8.7
-
mW
VDD (1.2V)
-
0.7
-
mW


Número de pieza similar - N32028U9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
N32028U9DN NUVOTON-N32028U9DN Datasheet
1Mb / 47P
   ARM926-based Media Processor
More results

Descripción similar - N32028U9DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
NUC946ADN NUVOTON-NUC946ADN Datasheet
1Mb / 376P
   32-bit ARM926EJ-S Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com