Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX16373 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza 74LVX16373
Descripción Electrónicos  LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX16373 Datasheet(HTML) 3 Page - STMicroelectronics

  74LVX16373 Datasheet HTML 1Page - STMicroelectronics 74LVX16373 Datasheet HTML 2Page - STMicroelectronics 74LVX16373 Datasheet HTML 3Page - STMicroelectronics 74LVX16373 Datasheet HTML 4Page - STMicroelectronics 74LVX16373 Datasheet HTML 5Page - STMicroelectronics 74LVX16373 Datasheet HTML 6Page - STMicroelectronics 74LVX16373 Datasheet HTML 7Page - STMicroelectronics 74LVX16373 Datasheet HTML 8Page - STMicroelectronics 74LVX16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LVX16373
3/10
LOGIC DIAGRAM
This logic diagram has not to be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
1) Truth Table guaranteed: 1.2V to 3.6V
2) VIN from 0.8V to 2.0V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
2 to 3.6
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 2) (VCC =3V)
0 to 100
ns/V


Número de pieza similar - 74LVX16373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
74LVX16374TTR STMICROELECTRONICS-74LVX16374TTR Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
More results

Descripción similar - 74LVX16373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373_03 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX16373AFT TOSHIBA-TC74LCX16373AFT Datasheet
275Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX16374 STMICROELECTRONICS-74LCX16374 Datasheet
189Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com