Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1DU128NDVC-0QC00 Datasheet(PDF) 7 Page - Samsung semiconductor

No. de pieza MC1DU128NDVC-0QC00
Descripción Electrónicos  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU128NDVC-0QC00 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button MC1DU128NDVC-0QC00 Datasheet HTML 3Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC1DU128NDVC-0QC00 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
MultiMediaCard
TM
7
2 Function Description
2.1 Flash Technology Independence
The 512 byte sector size of the MultiMediaCard is the same as that in an IDE magnetic disk drive. To
write or read a sector (or multiple sectors), the host computer software simply issues a Read or Write
command to the MultiMediaCard. This command contains the address and the number of sectors to
write/read. The host software then waits for the command to complete. The host software does not get
involved in the details of how the flash memory is erased, programmed or read. This is extremely
important as flash devices are expected to get more and more complex in the future. Because the
MultiMediaCard uses an intelligent on-board controller, the host system software will not require
changing as new flash memory evolves. In other words, systems that support the MultiMediaCard
today will be able to access future MultiMediaCards built with new flash technology without having to
update or change host software.
2.2 Defect and Error Management
MultiMediaCards contain a sophisticated defect and error management system. This system is
analogous to the systems found in magnetic disk drives and in many cases offers enhancements. For
instance, disk drives do not typically perform a read after write to confirm the data is written correctly
because of the performance penalty that would be incurred. MultiMediaCards do a read after write
under margin conditions to verify that the data is written correctly (except in the case of a Write without
Erase Command). In the rare case that a bit is found to be defective, MultiMediaCards replace this bad
bit with a spare bit within the sector header. If necessary, MultiMediaCards will even replace the entire
sector with a spare sector. This is completely transparent to the host and does not consume any user
data space.
The MultiMediaCards soft error rate specification is much better than the magnetic disk drive
specification. In the extremely rare case a read error does occur, MultiMediaCards have innovative
algorithms to recover the data. This is similar to using retries on a disk drive but is much more
sophisticated. The last line of defense is to employ powerful ECC to correct the data. If ECC is used to
recover data, defective bits are replaced with spare bits to ensure they do not cause any future
problems.
These defect and error management systems coupled with the solid-state construction give
MultiMediaCards unparalleled reliability
2.3 Endurance
MultiMediaCards have an endurance specification for each sector of 1,000,000 writes (reading a
logical sector is unlimited). This is far beyond what is needed in nearly all applications of
MultiMediaCards. Even very heavy use of the MultiMediaCard in cellular phones, personal
communicators, pagers and voice recorders will use only a fraction of the total endurance over the
typical device’s five year lifetime. For instance, it would take over 100 years to wear out an area on the
MultiMediaCard on which a files of any size (from 512 bytes to capacity) was rewritten 3 times per hour,
8 hours a day, 365 days per year.
With typical applications the endurance limit is not of any practical concern to the vast majority of users.
2.4 Automatic Sleep Mode


Número de pieza similar - MC1DU128NDVC-0QC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Descripción similar - MC1DU128NDVC-0QC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com