Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM2607CSC Datasheet(PDF) 6 Page - Sinopower Semiconductor Inc

No. de pieza SM2607CSC
Descripción Electrónicos  Dual Enhancement Mode MOSFET (N- and P-Channel)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SINOPWER [Sinopower Semiconductor Inc]
Página de inicio  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2607CSC Datasheet(HTML) 6 Page - Sinopower Semiconductor Inc

Back Button SM2607CSC Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 9Page - Sinopower Semiconductor Inc SM2607CSC Datasheet HTML 10Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.sinopowersemi.com
6
SM2607CSC
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.6 - November, 2017
Drain-Source On Resistance
ID- Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
VDS - Drain-Source Voltage (V)
Output Characteristics
Gate-Source On Resistance
VGS - Gate - Source Voltage (V)
N Channel Typical Operating Characteristics (Cont.)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
2.5V
2V
1.5V
V
GS=3,4,5,6,7,8,9,10V
-50 -25
0
25
50
75 100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS =250mA
0
4
8
12
16
20
0
20
40
60
80
100
120
V
GS=1.8V
V
GS=2.5V
V
GS=4.5V
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
I
DS=5A


Número de pieza similar - SM2607CSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SM2607CSC VBSEMI-SM2607CSC Datasheet
597Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Descripción similar - SM2607CSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com