Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5994 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SC5994
Descripción Electrónicos  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5994 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5994 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5994
No.8035-1/4
Applications
Voltage regulators, relay drivers, lamp drivers, electrical equipment.
Features
Adoption of MBIT process.
High current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
100
V
Collector-to-Emitter Voltage
VCES
100
V
Collector-to-Emitter Voltage
VCEO
50
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
2A
Collector Current (Pulse)
ICP
4A
Base Current
IB
400
mA
Collector Dissipation
PC
Mounted on a ceramic board (450mm2!0.8m)
1.3
W
Tc=25
°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=50V, IE=0
1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1
µA
DC Current Gain
hFE1VCE=2V, IC=100mA
200
560
hFE2VCE=2V, IC=1.5A
40
Marking : FJ
Continued on next page.
Ordering number : ENN8035
21505EA TS IM TB-00001137
2SC5994
NPN Epitaxial Planar Silicon Transistor
High-Current Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Número de pieza similar - 2SC5994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5994 ONSEMI-2SC5994 Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994 ONSEMI-2SC5994 Datasheet
294Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
294Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
More results

Descripción similar - 2SC5994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5979 SANYO-2SC5979 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6071 SANYO-2SC6071 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5980 SANYO-2SC5980 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com