Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11920 Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LB11920
Descripción Electrónicos  Three-Phase Brushless Motor Driver for Office Equipment Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11920 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11920 Datasheet HTML 2Page - Sanyo Semicon Device LB11920 Datasheet HTML 3Page - Sanyo Semicon Device LB11920 Datasheet HTML 4Page - Sanyo Semicon Device LB11920 Datasheet HTML 5Page - Sanyo Semicon Device LB11920 Datasheet HTML 6Page - Sanyo Semicon Device LB11920 Datasheet HTML 7Page - Sanyo Semicon Device LB11920 Datasheet HTML 8Page - Sanyo Semicon Device LB11920 Datasheet HTML 9Page - Sanyo Semicon Device LB11920 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PS No. 7229-10/10
LB11920
10. Power supply stabilization
This IC has a large output current, which causes deviation of the power line readily. To ensure stability, it is
necessary to insert a capacitor with sufficient capacitance between the VM pin and GND. To eliminate the high-
frequency noise due to switching, insert a ceramic capacitor of about 0.1 µF as near as possible to the pin between
VM (pin 5) and GND 2 (pin 3).
When inserting diode in the power line to prevent breakdown due to reverse connection of power supply, select the
sufficiently large capacitance because the power line tends to develop deviation readily.
The VCC voltage that is a control power supply must also be fully stabilized by means of a capacitor when such
voltage tends to fluctuate because of routing.
11. Routing of a printed circuit board
Two pins are provided for each of VM, RF, and GND2 pins where large current flows. On the printed circuit board,
both of these pins should be connected and used. If the use of only one pin is possible in certain cases, use pins 3, 5,
and 6.
GND3 that is a sub-GND (internal separation layer) should be connected with control GND or GND1 with the
shortest possible wiring.
This catalog provides information as of October, 2003. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
Continued from preceding page.


Número de pieza similar - LB11920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11920 ONSEMI-LB11920 Datasheet
117Kb / 10P
   Three-Phase Brushless Motor Driver
May, 2013
LB11920-E ONSEMI-LB11920-E Datasheet
117Kb / 10P
   Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
More results

Descripción similar - LB11920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com