Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CM8662 Datasheet(PDF) 7 Page - Bookly Micro electronic

No. de Pieza. CM8662
Descripción  1.7W CMOS AUDIO AMP
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BOOKLY [Bookly Micro electronic]
Página de inicio  http://www.bookly.com/
Logo 

CM8662 Datasheet(HTML) 7 Page - Bookly Micro electronic

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CM8662
BOOKLY MICRO
1.7W CMOS AUDIO AMP
2004/05/30
www.bookly.com
Page 7
Application circuit :
Audio_in
CM8662
1
2
3
4
5
6
8
SHDN
BYPASS
+IN
-IN
VO1
VDD
VO2
+5V
22K
GND
7
22uF
105
如果不是应用于手机, R1,R2 都省略掉,以获得更好的频响
1=off
www.bookly.com
Note:
R1,R2有助于抑制纹波和噪音,提高PSRR
CM8662典型应用电路图
on/off
10ohm
2.2K
105
详细说明见
104
47K
R2
R1
Note :
Adjust the feed back resistor can change the output power.
If you design USB-speaker box , pls. keep R1 open and R2 short, move them.
MP3数码包
0=ON
51K
473
L_in
CM8662
1
2
3
4
5
6
8
SHDN
BY PASS
+IN
-IN
VO1
VDD
VO2
7
6K8
473
22uF
R_in
4 ohm
SOP8
105
104
+3V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn