Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CM8662 Datasheet(PDF) 2 Page - Bookly Micro electronic

No. de Pieza. CM8662
Descripción  1.7W CMOS AUDIO AMP
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BOOKLY [Bookly Micro electronic]
Página de inicio  http://www.bookly.com/
Logo 

CM8662 Datasheet(HTML) 2 Page - Bookly Micro electronic

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CM8662
BOOKLY MICRO
1.7W CMOS AUDIO AMP
2004/05/30
www.bookly.com
Page 2
Test CIRCUIT
Audio
Input
Ri
20k
Ω
10kΩ
50kΩ
RPU
50kΩ
10kΩ
RL
Av = -1
Rf
20kΩ
Bias
*Ci
Cs
0.1uF
VDD
VDD
+
+
-
-
CB
0.1uF
-IN
+IN
Bypass
Shutdown
VDD/2
Vo1
Vo2
6
4
3
2
1
5
8
7
NC
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM8662IP
-40℃ ~ +85℃
8-PIN DIP8
CM8662IS
-40℃ ~ +85℃
8-PIN SOP8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn