Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CM8662IP Datasheet(Hoja de datos) 1 Page - Bookly Micro electronic

No. de Pieza. CM8662IP
Descripción  1.7W CMOS AUDIO AMP
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BOOKLY [Bookly Micro electronic]
Página de inicio  http://www.bookly.com/
Logo 

   
 1 page
background image
CM8662
BOOKLY MICRO
1.7W CMOS AUDIO AMP
2004/05/30
www.bookly.com
Page 1
GENERAL DESCRIPTION
FEATURES
The CM8662 is a bridge-connected audio power amplifier
capable of delivering typically 1.7W of continuous average
power to an 6Ω load from a 5V power supply and up to 2W if
DIP8 package. Boomer audio power amplifiers were designed
specifically to provide high quality output power with a minimal
amount of external components. Since the CM8662 does not
require output coupling capacitors, bootstrap capacitors, or
snuber networks, it is optimally suited for low-power portable
systems.
The CM8662 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism.
The unity-gain stable CM8662 can be configured by external
gain-setting resistors.
No output coupling capacitors, bootstrap capacitors or
snubber circuits are necessary.
SOP, SOP with Power Pad or DIP package.
Unity-gain stable
External gain configuration capability
CMOS technology , save power ,
higher efficiency than traditional bipolar amplifier
KEY SPECIFICATION
THD at 0.8W continuous average output power at 1kHz
into 8Ω
0.5% (max)
Output power at 10% THD+N at 1kHz into 8Ω
1.5W (typ)
Shutdown Current
0.7μA (typ)
APPLICATIONS
PIN CONFIGURATION
Walkie-talkie
LCD-TV / monitor
Toys and Games
USB speaker
Digital recorder
DIP/SOP
(Top View)
1
2
3
4
8
7
6
5
SHUTDO W N
BYPASS
+IN
-IN
Vo2
GND
VDD
Vo1




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl