Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


93AA66ATEOTG Datasheet(Hoja de datos) 10 Page - Microchip Technology

No. de Pieza. 93AA66ATEOTG
Descripción  4K Microwire Compatible Serial EEPROM
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo 

 10 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795B-page 10
 2003 Microchip Technology Inc.
2.9
WRITE ALL (WRAL)
The Write All (WRAL) instruction will write the entire
memory array with the data specified in the command.
For 93AA66A/B/C and 93LC66A/B/C devices, after the
last data bit is clocked into DI, the falling edge of CS
initiates the self-timed auto-erase and programming
cycle. For 93C66A/B/C devices, the self-timed auto-
erase and programming cycle is initiated by the rising
edge of CLK on the last data bit. Clocking of the CLK
pin is not necessary after the device has entered the
WRAL cycle. The WRAL command does include an
automatic ERAL cycle for the device. Therefore, the
WRAL
instruction does not require an ERAL instruction
but the chip must be in the EWEN status.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
VCC must be
≥ 4.5V for proper operation of WRAL.
FIGURE 2-10:
WRAL TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-11:
WRAL TIMING FOR 93C DEVICES
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
VCC must be
≥ 4.5V for proper operation of WRAL.
TCSL
TSV
TCZ
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
TCSL
TSV
TCZ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
93AA86A16K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93AA56A2K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93LC46A1K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93AA46A1K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
ST93C562K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM 1 2 3 4 5 MoreSTMicroelectronics
CAT93HC461-kb High Speed Microwire Serial EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
ST93C664K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM 1 2 3 4 5 MoreSTMicroelectronics
93LC66A4K 2.5V Microwire Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
ST93CS461K 64 x 16 SERIAL MICROWIRE EEPROM 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl