Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40074 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40074
Descripción Electrónicos  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40074 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40074 Datasheet HTML 4Page - Texas Instruments TPS40074 Datasheet HTML 5Page - Texas Instruments TPS40074 Datasheet HTML 6Page - Texas Instruments TPS40074 Datasheet HTML 7Page - Texas Instruments TPS40074 Datasheet HTML 8Page - Texas Instruments TPS40074 Datasheet HTML 9Page - Texas Instruments TPS40074 Datasheet HTML 10Page - Texas Instruments TPS40074 Datasheet HTML 11Page - Texas Instruments TPS40074 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.ti.com
APPLICATION INFORMATION
MINIMUM PULSE WIDTH
SLEW RATE LIMIT ON VDD
13
7
14
12
10
8
ILIM
HDRV
SW
LDRV
VDD
PGND
TPS40074
C
R
VIN
UDG−05058
+_
TPS40074
SLUS617–APRIL 2005
The TPS40074 allows the user to construct synchronous voltage mode buck converters with inputs ranging from
4.5 V to 28 V and outputs as low as 700 mV. Predictive gate drive circuitry optimizes switching delays for
increased efficiency and improved converter output power capability. Voltage feed-forward is employed to ease
loop compensation for wide input range designs and provide better line transient response.
An on-board unity gain differential amplifier is provided for remote sensing in applications that require the tightest
load regulation. The TPS40074 incorporates circuitry to allow startup into a pre-existing output voltage without
sinking current from the source of the pre-existing output voltage. This avoids damaging sensitive loads at
startup. The controller can be synchronized to an external clock source or can free run at a user programmable
frequency. An integrated power good indicator is available for logic (open drain) output of the condition of the
output of the converter.
The TPS40074 has limitations on the minimum pulse width that can be used to design a converter. Reliable
operation is guaranteed for nominal pulse widths of 150 ns and above. This places some restrictions on the
conversion ratio that can be achieved at a given switching frequency. Figure 2 shows minimum output voltage for
a given input voltage and frequency.
The regulator that supplies power for the drivers on the TPS40074 requires a limited rising slew rate on VDD for
proper operation if the input voltage is above 10 V. If the slew rate is too great, this regulator can over shoot and
damage to the part can occur. To ensure that the part operates properly, limit the slew rate to no more than
0.12 V/µs as the voltage at VDD crosses 8 V. If necessary, an R-C filter can be used on the VDD pin of the
device. Connect the resistor from the VDD pin to the input supply of the converter. Connect the capacitor from
the VDD pin to PGND. There should not be excessive (more than a 200-mV) voltage drop across the resistor in
normal operation. This places some constraints on the R-C values that can be used. Figure 1 is a schematic
fragment that shows the connection of the R-C slew rate limit circuit. Equation 1 and Equation 2 give values for R
and C that limits the slew rate in the worst case condition.
Figure 1. Limiting the Slew Rate
8


Número de pieza similar - TPS40074

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40074 TI1-TPS40074 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLR TI1-TPS40074RHLR Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLRG4 TI1-TPS40074RHLRG4 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLT TI1-TPS40074RHLT Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Descripción similar - TPS40074

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com