Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9214-30A Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK9214-30A
Descripción Electrónicos  TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9214-30A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9214-30A Datasheet HTML 1Page - NXP Semiconductors BUK9214-30A Datasheet HTML 2Page - NXP Semiconductors BUK9214-30A Datasheet HTML 3Page - NXP Semiconductors BUK9214-30A Datasheet HTML 4Page - NXP Semiconductors BUK9214-30A Datasheet HTML 5Page - NXP Semiconductors BUK9214-30A Datasheet HTML 6Page - NXP Semiconductors BUK9214-30A Datasheet HTML 7Page - NXP Semiconductors BUK9214-30A Datasheet HTML 8Page - NXP Semiconductors BUK9214-30A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
BUK9214-30A
TrenchMOS™ logic level FET
Product data
Rev. 01 — 20 March 2002
5 of 12
9397 750 09373
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C30
-
-
V
Tj = −55 °C27
-
-
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
-
-
V
Tj = −55 °C
-
-
2.3
V
IDSS
drain-source leakage current
VDS = 30 V; VGS =0V
Tj =25 °C
-
0.05
10
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±10 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID =25A;
Figure 7 and 8
Tj =25 °C
-
11
14
m
Tj = 175 °C
-
-
26.6
m
VGS = 4.5 V; ID = 25 A;
-
-
15.5
m
VGS =10V; ID = 25 A;
-
9
12
m
Dynamic characteristics
Qg(tot)
total gate charge
VGS =5V;VDD =24V;
ID =25A; Figure 14
-31
-
nC
Qgs
gate-to-source charge
-
5.3
-
nC
Qgd
gate-to-drain (Miller) charge
-
12.2
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
-
1730
2317
pF
Coss
output capacitance
-
400
481
pF
Crss
reverse transfer capacitance
-
260
365
pF
td(on)
turn-on delay time
VDD = 30 V; RL = 1.2 Ω;
VGS =5V; RG =10 Ω;
-10
-
ns
tr
rise time
-
85
-
ns
td(off)
turn-off delay time
-
94
-
ns
tf
fall time
-
108
-
ns
Ld
internal drain inductance
from drain to centre of die
-
2.5
-
nH
Ls
internal source inductance
from source lead to source
bond pad
-
7.5
-
nH


Número de pieza similar - BUK9214-30A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9214-30A NEXPERIA-BUK9214-30A Datasheet
761Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 3 - 14 June 2012
logo
NXP Semiconductors
BUK9214-30A PHILIPS-BUK9214-30A_15 Datasheet
197Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 3-14 June 2012
More results

Descripción similar - BUK9214-30A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com