Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9510-55A Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK9510-55A
Descripción Electrónicos  TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9510-55A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9510-55A Datasheet HTML 1Page - NXP Semiconductors BUK9510-55A Datasheet HTML 2Page - NXP Semiconductors BUK9510-55A Datasheet HTML 3Page - NXP Semiconductors BUK9510-55A Datasheet HTML 4Page - NXP Semiconductors BUK9510-55A Datasheet HTML 5Page - NXP Semiconductors BUK9510-55A Datasheet HTML 6Page - NXP Semiconductors BUK9510-55A Datasheet HTML 7Page - NXP Semiconductors BUK9510-55A Datasheet HTML 8Page - NXP Semiconductors BUK9510-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
BUK9510-55A; BUK9610-55A
TrenchMOS™ logic level FET
Product data
Rev. 01 — 20 August 2001
2 of 14
9397 750 08555
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
5.
Quick reference data
6.
Limiting values
[1]
Current is limited by power dissipation chip rating
[2]
Continuous current is limited by package
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V
[1]
-
100
A
Ptot
total power dissipation
Tmb =25 °C
-
200
W
Tj
junction temperature
-
175
°C
RDSon
drain-source on-state resistance
Tj =25 °C; VGS =5V; ID =25A
8
10
m
Tj =25 °C; VGS = 4.5 V; ID =25A
-
11
m
Tj =25 °C; VGS = 10 V; ID = 25 A
7
9
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ
-55
V
VGS
gate-source voltage (DC)
-
±15
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V
Figure 2 and 3
[1]
-
100
A
[2]
-75
A
Tmb = 100 °C; VGS =5V; Figure 2
[2]
-70
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
Figure 3
-
400
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
200
W
Tstg
storage temperature
−55
+175
°C
Tj
operating junction temperature
−55
+175
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
[1]
-
100
A
[2]
-75
A
IDRM
pulsed reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
400
A
Avalanche ruggedness
WDSS
non-repetitive avalanche energy
unclamped inductive load; ID =75A;
VDS ≤ 55 V; VGS =5V; RGS =50 Ω;
starting Tmb =25 °C
-
333
mJ


Número de pieza similar - BUK9510-55A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK9510-55A ISC-BUK9510-55A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9510-55A NEXPERIA-BUK9510-55A Datasheet
337Kb / 15P
   N-channel TrenchMOS logic level FET
Rev. 02 - 17 February 2011
More results

Descripción similar - BUK9510-55A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com