Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OL3392L Datasheet(PDF) 1 Page - OKI electronic componets

No. de pieza OL3392L
Descripción Electrónicos  1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

OL3392L Datasheet(HTML) 1 Page - OKI electronic componets

  OL3392L Datasheet HTML 1Page - OKI electronic componets OL3392L Datasheet HTML 2Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
OKI SEMICONDUCTOR
OL3392L
1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
DESCRIPTION
The OKI OL3392L is a 1310nm DFB Laser Diode in a PCB mountable coaxial package with single mode
fiber and without isolator.
FEATURES
OUTLINE DIMENSIONS
CIRCUIT
• SMF output: 1mW
• Wide operating temperature range
• MQW process
Pin No.
Function
1
LD Cathode
2
LD anode (case)
3
PD anode
4
PD cathode
13.0
6.4
1.0
2.0
2
3
4
1
ø4.0
ø2.2 (2x)
ø6.8
4.0
23.6
ø0.45 (4x)
Dimensions in mm.
LD
PD
2
4
3
1
(Case)


Número de pieza similar - OL3392L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
OL3300N-05 OKI-OL3300N-05 Datasheet
53Kb / 8P
   Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
OL3301N-05 OKI-OL3301N-05 Datasheet
53Kb / 8P
   Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)
More results

Descripción similar - OL3392L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
OL5392L OKI-OL5392L Datasheet
43Kb / 2P
   1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
OL3492N OKI-OL3492N Datasheet
43Kb / 2P
   1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com