Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EJ30 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-EJ30
Descripción Electrónicos  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EJ30 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EJ30 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EJ30 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
YY: Flexi-Bin; Bulk Packaging
ZZ: Flexi-Bin; Ammo Pack
Color Bin Selections
0: No color bin limitation
4: Amber color bin 4 only
K: Amber color bins 2 and 4 only
Maximum Intensity Bin
0: No Iv bin limitation
Minimum Intensity Bin
Viewing Angle & Lead Stand Offs
08: 6 deg without lead stand offs
10: 6 deg with lead stand offs
15: 15 deg without lead stand offs
17: 15 deg with lead stand offs
24: 23 deg without lead stand offs
26: 23 deg with lead stand offs
30: 30 deg without lead stand offs
32: 30 deg with lead stand offs
Color
G: 626 nm Red
H: 615 nm Red-Orange
J: 605 nm Orange
L: 590 nm Amber
Package
E: 5 mm Round
Part Numbering System


Número de pieza similar - HLMP-EJ30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-EJ30-11000 BOARDCOM-HLMP-EJ30-11000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-11400 BOARDCOM-HLMP-EJ30-11400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-12000 BOARDCOM-HLMP-EJ30-12000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-12400 BOARDCOM-HLMP-EJ30-12400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-14000 BOARDCOM-HLMP-EJ30-14000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

Descripción similar - HLMP-EJ30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com