Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHCT3G04 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
74AHCT3G04 Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 16 page 2003 Nov 06 8 Philips Semiconductors Product specification Inverter 74AHC3G04; 74AHCT3G04 Type 74AHCT3G04 At recommended operating conditions; voltages are referenced to GND (ground=0V). SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) Tamb =25 °C VIH HIGH-level input voltage 4.5 to 5.5 2.0 −− V VIL LOW-level input voltage 4.5 to 5.5 −− 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −50 µA 4.5 4.4 4.5 − V IO = −8.0 mA 4.5 3.94 −− V VOL LOW-level output voltage VI =VIH or VIL IO =50 µA 4.5 − 0 0.1 V IO = 8.0 mA 4.5 −− 0.36 V ILI input leakage current VI =VIH or VIL 5.5 −− 0.1 µA ICC quiescent supply current VI =VCC or GND; IO = 0 5.5 −− 1.0 µA ∆I CC additional quiescent supply current per input pin VI = 3.4 V; other inputs at VCC or GND; IO =0 5.5 −− 1.35 mA CI input capacitance − 1.5 10 pF Tamb = −40 to +85 °C VIH HIGH-level input voltage 4.5 to 5.5 2.0 −− V VIL LOW-level input voltage 4.5 to 5.5 −− 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −50 µA 4.5 4.4 −− V IO = −8.0 mA 4.5 3.8 −− V VOL LOW-level output voltage VI =VIH or VIL IO =50 µA 4.5 −− 0.1 V IO = 8.0 mA 4.5 −− 0.44 V ILI input leakage current VI =VIH or VIL 5.5 −− 1.0 µA ICC quiescent supply current VI =VCC or GND; IO = 0 5.5 −− 10 µA ∆I CC additional quiescent supply current per input pin VI = 3.4 V; other inputs at VCC or GND; IO =0 5.5 −− 1.5 mA CI input capacitance −− − 10 pF |
Número de pieza similar - 74AHCT3G04 |
|
Descripción similar - 74AHCT3G04 |