Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AWL9224 Datasheet(PDF) 4 Page - ANADIGICS, Inc

No. de pieza AWL9224
Descripción Electrónicos  2.4 GHz 802.11b/g WLAN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL9224 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWL9224 Datasheet HTML 1Page - ANADIGICS, Inc AWL9224 Datasheet HTML 2Page - ANADIGICS, Inc AWL9224 Datasheet HTML 3Page - ANADIGICS, Inc AWL9224 Datasheet HTML 4Page - ANADIGICS, Inc AWL9224 Datasheet HTML 5Page - ANADIGICS, Inc AWL9224 Datasheet HTML 6Page - ANADIGICS, Inc AWL9224 Datasheet HTML 7Page - ANADIGICS, Inc AWL9224 Datasheet HTML 8Page - ANADIGICS, Inc AWL9224 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.3
04/2005
AWL9224
Table 4: Electrical Specifications - Continuous Wave
(TC = +25 °C, VCC = +3.3 V, VPC = +3.3 V)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
B
d
1
P0
.
6
20
.
7
20
.
8
2m
B
d
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
--1
mA
V C
P
V
0
=
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q7
65
73
8A
m
V C
P
V
,
V
3
.
3
+
=
C
C
V
3
.
3
+
=
ff
o
=
F
R
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I-
0
1
-8
-B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O-
2
1
-0
1
-B
d
n
o
it
a
l
o
s
I
e
s
r
e
v
e
R0
4-
-
B
d
)
s
u
o
ir
u
p
S
(
y
ti
li
b
a
t
S-
0
7
-5
6
-c
B
dP
t
a
R
W
S
V
1
:
5
N
I
m
B
d
0
1
-
=
T N
O
e
m
i
T
g
n
it
t
e
S
--1
mS
n
i
h
ti
w
s
e
lt
t
e
S
6
B
d
5
.
0
T F
F
O
e
m
i
T
g
n
it
t
e
S
--1
mS


Número de pieza similar - AWL9224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28Q1 ANADIGICS-AWL9224RS28Q1 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results

Descripción similar - AWL9224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com