Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65020RHAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65020RHAT
Descripción Electrónicos  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65020RHAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65020RHAT Datasheet HTML 7Page - Texas Instruments TPS65020RHAT Datasheet HTML 8Page - Texas Instruments TPS65020RHAT Datasheet HTML 9Page - Texas Instruments TPS65020RHAT Datasheet HTML 10Page - Texas Instruments TPS65020RHAT Datasheet HTML 11Page - Texas Instruments TPS65020RHAT Datasheet HTML 12Page - Texas Instruments TPS65020RHAT Datasheet HTML 13Page - Texas Instruments TPS65020RHAT Datasheet HTML 14Page - Texas Instruments TPS65020RHAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
www.ti.com
TPS65020
SLVS607 – SEPTEMBER 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Input signal indicating default VDCDC1 voltage, 0 = 3 V, 1 = 3.3 V This pin can also be connected to
DEFDCDC1
10
I
a resistor divider between VDCDC1 and GND. If the output voltage of the DCDC1 converter is set in
a range from 0.6 V to VINDCDC1 V
Input signal indicating default VDCDC2 voltage, 0 = 1.8 V, 1 = 2.5 V This pin can also be connected
DEFDCDC2
32
I
to a resistor divider between VDCDC2 and GND. If the output voltage of the DCDC2 converter is set
in a range from 0.6 V to VINDCDC2 V
Input signal indicating default VDCDC3 voltage, 0 = 1.3 V, 1 = 1.55 V This pin can also be connected
DEFDCDC3
1
I
to a resistor divider between VDCDC3 and GND. If the output voltage of the DCDC3 converter is set
in a range from 0.6 V to VINDCDC3 V
DCDC1_EN
25
I
VDCDC1 enable pin. A logic high enables the regulator, a logic low disables the regulator.
DCDC2_EN
24
I
VDCDC2 enable pin. A logic high enables the regulator, a logic low disables the regulator.
DCDC3_EN
23
I
VDCDC3 enable pin. A logic high enables the regulator, a logic low disables the regulator.
LDO REGULATOR SECTION
VINLDO
19
I
I Input voltage for LDO1 and LDO2
VLDO1
20
O
Output voltage of LDO1
VLDO2
18
O
Output voltage of LDO2
LDO_EN
22
I
Enable input for LDO1 and LDO2. Logic high enables the LDOs, logic low disables the LDOs
VBACKUP
15
I
Connect the backup battery to this input pin.
VRTC
16
O
Output voltage of the LDO/switch for the real time clock
VSYSIN
14
I
Input of system voltage for VRTC switch
CONTROL AND I2C SECTION
HOT_RESET
11
I
Push button input used to reboot or wake-up processor via RESPWRON output pin
TRESPWRON
26
I
Connect the timing capacitor to this pin to set the reset delay time: 1 nF
→ 100 ms
RESPWRON
27
O
Open drain System reset output
PWRFAIL
31
O
Open drain output. Active low when PWRFAIL comparator indicates low VBAT condition.
LOW_BAT
21
O
Open drain output of LOW_BAT comparator
INT
28
O
Open drain output
SCLK
30
I
Serial interface clock line
SDAT
29
I/O
Serial interface data/address
PWRFAIL_SNS
38
I
Input for the comparator driving the PWRFAIL output
LOWBAT_SNS
39
I
Input for the comparator driving the LOW_BAT output
PB_IN
12
I/O
Push button input debounced and output fed to latch at PB_OUT
PB_OUT
13
I/O
Open drain output of latch driven by PB_IN. Low after power up.
11


Número de pieza similar - TPS65020RHAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65020RHAT TI1-TPS65020RHAT Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHATG4 TI1-TPS65020RHATG4 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
More results

Descripción similar - TPS65020RHAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com