Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC14L020 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC14L020
Descripción Electrónicos  14-Bit, 20 MSPS, 150 mW A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L020 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC14L020 Datasheet HTML 1Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 2Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 3Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 4Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 5Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 6Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 7Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 8Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
2V
IN+
Differential analog input pins. With a 1.0V reference voltage the
differential full-scale input signal level is 2.0 V
P-P with each
input pin voltage centered on a common mode voltage, V
CM.
The negative input pins may be connected to V
CM for
single-ended operation, but a differential input signal is
required for best performance.
3V
IN
1V
REF
This pin is the reference select pin and the external reference
input.
If (V
A - 0.3V) < VREF < VA, the internal 1.0V reference is
selected.
If AGND < V
REF < (AGND + 0.3V), the internal 0.5V reference
is selected.
If a voltage in the range of 0.4V to (V
A - 0.4V) is applied to this
pin, that voltage is used as the reference.
The full scale differential voltage range is2*V
REF.VREF
should be bypassed to AGND with a 0.1 µF capacitor when an
external reference is used.
31
V
RP
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 0.1 µF capacitor. A 10 µF
capacitor should be placed between the V
RP and VRN.
V
RM may be loaded to 1mA for use as a temperature stable
1.5V reference. The remaining pins should not be loaded.
V
RM may be used to provide the common mode voltage, VCM,
for the differential inputs.
32
V
RM
31
V
RN
11
DF/DCS
This is a four-state pin.
DF/DCS = V
A, output data format is offset binary with duty
cycle stabilization applied to the input clock
DF/DCS = AGND, output data format is 2’s complement, with
duty cycle stabilization applied to the input clock.
DF/DCS = V
RM , output data is 2’s complement without duty
cycle stabilization applied to the input clock
DF/DCS = "float", output data is offset binary without duty cycle
stabilization applied to the input clock.
DIGITAL I/O
10
CLK
Digital clock input. The range of frequencies for this input is as
specified in the electrical tables with guaranteed performance
at 20 MHz. The input is sampled on the rising edge.
8PD
PD is the Power Down input pin. When high, this input puts the
converter into the power down mode. When this pin is low, the
converter is in the active mode.
www.national.com
3


Número de pieza similar - ADC14L020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020CIVY/NOPB TI1-ADC14L020CIVY/NOPB Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
More results

Descripción similar - ADC14L020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com