Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC14L020 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC14L020
Descripción Electrónicos  14-Bit, 20 MSPS, 150 mW A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L020 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC14L020 Datasheet HTML 7Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 8Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 9Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 10Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 11Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 12Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 13Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 14Page - National Semiconductor (TI) ADC14L020 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Typical Performance Characteristics, DNL, INL Unless otherwise specified, the following
specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR = +2.5V, PD = 0V, External VREF = +1.0V,
f
CLK = 20 MHz, fIN = 0 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On. Boldface limits apply for TJ =TMIN to
T
MAX: all other limits TJ = 25˚C
DNL
INL
20157061
20157062
DNL vs. f
CLK
INL vs. f
CLK
20157063
20157064
DNL vs. Clock Duty Cycle
INL vs. Clock Duty Cycle
20157065
20157066
www.national.com
11


Número de pieza similar - ADC14L020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020CIVY/NOPB TI1-ADC14L020CIVY/NOPB Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
More results

Descripción similar - ADC14L020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com