Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5631 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2N5631
Descripción Electrónicos  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5631 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5631 Datasheet HTML 1Page - ON Semiconductor 2N5631 Datasheet HTML 2Page - ON Semiconductor 2N5631 Datasheet HTML 3Page - ON Semiconductor 2N5631 Datasheet HTML 4Page - ON Semiconductor 2N5631 Datasheet HTML 5Page - ON Semiconductor 2N5631 Datasheet HTML 6Page - ON Semiconductor 2N5631 Datasheet HTML 7Page - ON Semiconductor 2N5631 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5631 2N6031
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (2)
(IC = 200 mAdc, IB = 0)
VCEO(sus)
140
Vdc
Collector–Emitter Cutoff Current
(VCE = 70 Vdc, IB = 0)
ICEO
2.0
mAdc
Collector–Emitter Cutoff Current
(VCE = Rated VCB, VEB(off) = 1.5 Vdc)
(VCE = Rated VCB, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
2.0
7.0
mAdc
Collector–Base Cutoff Current
(VCB = Rated VCB, IE = 0)
ICBO
2.0
mAdc
Emitter–Base Cutoff Current
(VBE = 7.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 8 Adc, VCE = 2.0 Vdc)
(IC = 16 Adc, VCE = 2.0 Vdc)
hFE
15
4.0
60
Collector–Emitter Saturation Voltage
(IC = 10 Adc, IB = 1.0 Adc)
(IC = 16 Adc, IB = 4.0 Adc)
VCE(sat)
1.0
2.0
Vdc
Base–Emitter Saturation Voltage
(IC = 10 Adc, IB = 1.0 Adc)
VBE(sat)
1.8
Vdc
Base–Emitter On Voltage
(IC = 8.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain – Bandwidth Product (3)
(IC = 1.0 Adc, VCE = 20 Vdc, ftest = 0.5 MHz)
fT
1.0
MHz
Output Capacitance
2N5631
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
2N6031
Cob
500
1000
pF
Small–Signal Current Gain
(IC = 4.0 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
15
*Indicates JEDEC Registered Data.
(1) Pulse Test: Pulse Width
v300 µs, Duty Cycle w 2.0%.
(2) fT = |hfe| • ftest
Figure 2. Switching Times Test Circuit
+11 V
25 µs
0
-9.0 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
3.0
0.2
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.03
0.3
0.5 0.7 1.0
2.0 3.0
7.0
20
TJ = 25°C
IC/IB = 10
VCE = 30 V
0.07
0.05
5.0
10
tr
td @ VBE(off) = 5.0 V
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
For PNP test circuit, reverse all polarities and D1.
2N5631
2N6031


Número de pieza similar - 2N5631

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N5631 ETC-2N5631 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N5631 SAVANTIC-2N5631 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5631 JMNIC-2N5631 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5631 ISC-2N5631 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5631 NJSEMI-2N5631 Datasheet
255Kb / 2P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Descripción similar - 2N5631

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com