Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HDSP-521A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

No. de Pieza. HDSP-521A
Descripción  14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HDSP-521A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Internal Circuit Diagram
Absolute Maximum Ratings at TA = 25˚C
AlGaAs Red
Description
HDSP-52xA
Units
Power Dissipation Segment
30
mW
Forward Current Segment
15[1]
mA
Peak Forward Current per Segment
80
mA
(1/10 Duty Factor at 10 KHz)
Operating Temperature Range
–35 to +85
˚C
Storage Temperature Range
–35 to +85
˚C
Reverse Voltage per Segment or DP
5
V
Wavesoldering Temperature for 3 seconds
250
˚C
(at 2 mm Distance from the bodyz)
Note:
1. Derate above 25˚C at 0.2 mA/˚C.
Intensity Bin Limits (mcd at 10 mA)
Bin
AlGaAs Red
Name
Min.[1]
Max.[1]
J
3.201
5.050
K
5.051
8.000
L
8.001
12.650
Note:
1. Tolerance for each bin limit is
± 10%.
f
17
16
15
14
13
12
11
10
1
2
3
4
5
6
789
COMMON ANODE
e
g
d
a
b
c
DP
e
d
c
DP
g
a
b
f
18
f
17
16
15
14
13
12
11
10
1
2
3
4
5
6
789
COMMON CATHODE
e
g
d
a
b
c
DP
e
d
c
DP
g
a
b
f
18
COMMON ANODE
COMMON CATHODE
PIN
FUNCTION
PIN
1
E CATHODE NO. 1
2
D CATHODE NO. 1
3
C CATHODE NO. 1
4
DP CATHODE NO. 1
5
E CATHODE NO. 2
6
D CATHODE NO. 2
7
G CATHODE NO. 2
8
C CATHODE NO. 2
9
DP CATHODE NO. 2
10
B CATHODE NO. 2
11
A CATHODE NO. 2
12
F CATHODE NO. 2
1
2
3
4
5
6
7
8
9
10
11
12
FUNCTION
13
DIGIT NO. 2 ANODE
13
14
DIGIT NO. 1 ANODE
14
15
B CATHODE NO. 1
15
16
A CATHODE NO. 1
16
17
G CATHODE NO. 1
17
18
F CATHODE NO. 1
18
E ANODE NO. 1
D ANODE NO. 1
C ANODE NO. 1
DP ANODE NO. 1
E ANODE NO. 2
D ANODE NO. 2
G ANODE NO. 2
C ANODE NO. 2
DP ANODE NO. 2
B ANODE NO. 2
A ANODE NO. 2
F ANODE NO. 2
DIGIT NO. 2 CATHODE
DIGIT NO. 1 CATHODE
B ANODE NO. 1
A ANODE NO. 1
G ANODE NO. 1
F ANODE NO. 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn