Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HDSP-521A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

No. de Pieza. HDSP-521A
Descripción  14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HDSP-521A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 1. Maximum allowable average or DC
current vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC
forward current.
Figure 4. Relative efficiency (luminous
intensity per unit current) vs. peak current.
AlGaAs Red
Electrical/Optical Characteristics at TA = 25˚C
AlGaAs Red
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
3.66
mcd
IF = 5 mA
3.201
6.500
mcd
IF = 10 mA
Forward Voltage
VF
1.85
2.00
V
IF = 20 mA
Peak Wavelength
λPEAK
660
nm
Dominant Wavelength
λd
643
nm
Reverse Voltage
VR
5
V
IR = 100
µA
521A
523A
0
0
TA – AMBIENT TEMPERATURE – °C
100
16
12
4
8
2
6
10
14
40
60
80
20
0
0
VF – FORWARD VOLTAGE – V
60
1.0
2.5
120
20
0.5
1.5
40
80
100
2.0
0
0
IF – FORWARD CURRENT PER SEGMENT – mA
2.5
1.5
0.5
20
2.0
1.0
10
515
25
0
0.8
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
45
10
35 40
50
1.2
1.0
0.9
30
25
20
15
5
1.1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn