Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6028RLRM Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2N6028RLRM
Descripción Electrónicos  Programmable Unijunction Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6028RLRM Datasheet(HTML) 2 Page - ON Semiconductor

  2N6028RLRM Datasheet HTML 1Page - ON Semiconductor 2N6028RLRM Datasheet HTML 2Page - ON Semiconductor 2N6028RLRM Datasheet HTML 3Page - ON Semiconductor 2N6028RLRM Datasheet HTML 4Page - ON Semiconductor 2N6028RLRM Datasheet HTML 5Page - ON Semiconductor 2N6028RLRM Datasheet HTML 6Page - ON Semiconductor 2N6028RLRM Datasheet HTML 7Page - ON Semiconductor 2N6028RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6027, 2N6028
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
75
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
200
°C/W
Maximum Lead Temperature for Soldering Purposes
(
t1/16″ from case, 10 secs max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Fig. No.
Symbol
Min
Typ
Max
Unit
*Peak Current
(VS = 10 Vdc, RG = 1 MΩ)
2N6027
2N6028
(VS = 10 Vdc, RG = 10 k ohms)
2N6027
2N6028
2,9,11
IP
1.25
0.08
4.0
0.70
2.0
0.15
5.0
1.0
µA
*Offset Voltage
(VS = 10 Vdc, RG = 1 MΩ)
2N6027
2N6028
(VS = 10 Vdc, RG = 10 k ohms)
(Both Types)
1
VT
0.2
0.2
0.2
0.70
0.50
0.35
1.6
0.6
0.6
Volts
*Valley Current
(VS = 10 Vdc, RG = 1 MΩ)
2N6027
2N6028
(VS = 10 Vdc, RG = 10 k ohms)
2N6027
2N6028
(VS = 10 Vdc, RG = 200 ohms)
2N6027
2N6028
1,4,5
IV
70
25
1.5
1.0
18
18
150
150
50
25
µA
mA
*Gate to Anode Leakage Current
(VS = 40 Vdc, TA = 25°C, Cathode Open)
(VS = 40 Vdc, TA = 75°C, Cathode Open)
IGAO
1.0
3.0
10
nAdc
Gate to Cathode Leakage Current
(VS = 40 Vdc, Anode to Cathode Shorted)
IGKS
5.0
50
nAdc
*Forward Voltage (IF = 50 mA Peak)(1)
1,6
VF
0.8
1.5
Volts
*Peak Output Voltage
(VG = 20 Vdc, CC = 0.2 µF)
3,7
Vo
6.0
11
Volt
Pulse Voltage Rise Time
(VB = 20 Vdc, CC = 0.2 µF)
3
tr
40
80
ns
*Indicates JEDEC Registered Data
(1) Pulse Test: Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.


Número de pieza similar - 2N6028RLRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6028RLRM ONSEMI-2N6028RLRM Datasheet
77Kb / 6P
   Programmable Unijunction Transistor
May, 2006 ??Rev.6
2N6028RLRMG ONSEMI-2N6028RLRMG Datasheet
77Kb / 6P
   Programmable Unijunction Transistor
May, 2006 ??Rev.6
More results

Descripción similar - 2N6028RLRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
   Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
   Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
   Programmable unijunction transistor
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com