Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC100EPT622 Datasheet(Hoja de datos) 1 Page - ON Semiconductor

No. de Pieza. MC100EPT622
Descripción  3.3V LVTTL/LVCMOS to LVPECL Translator
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2002
December, 2002 - Rev. 2
1
Publication Order Number:
MC100EPT622/D
MC100EPT622
3.3VLVTTL/LVCMOS to
LVPECL Translator
The MC100EPT622 is a 10- Bit LVTTL/LVCMOS to LVPECL
translator. Because LVPECL (Positive ECL) levels are used only +3.3 V
and ground are required. The device has an OR- ed enable input which
can accept either LVPECL (ENPECL) or TTL/LVCMOS inputs
(ENTTL). If the inputs are left open, they will default to the enable state.
The device design has been optimized for low channel- to- channel skew
450 ps Typical Propagation Delay
Maximum Frequency > 1.5 GHz Typical
PECL Mode
Operating Range: V
CC = 3.0 V to 3.8 V with VEE = 0 V
PNP LVTTL Inputs for Minimal Loading
Q Output Will Default HIGH with Inputs Open
The 100 Series Contains Temperature Compensation.
Figure 1. Logic Symbol
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
D8
Q8
D9
Q9
D0
ENTTL
ENPECL
LVCMOS/TTL
LVPECL
*For additional information, see Application Note
AND8002/D
MARKING
DIAGRAM*
Device
Package
Shipping
ORDERING INFORMATION
MC100EPT622FA
LQFP32
250 Unit Trays
MC100EPT622FAR2
LQFP32
2000 Tape & Reel
LQFP-32
FA SUFFIX
CASE 873A
http://onsemi.com
32
1
MC100
AWLYYWW
EPT622
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
TRUTH TABLE
ENPECL
H
H
ENTTL
D
Q
X
X
L
X
X
H
H
L
H
L
H
L
X
H
L
H
L
L




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SY89329V3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
SY100EL90V5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR 1 2 3 4 Micrel Semiconductor
SY10EPT20V3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
ICS85322IDUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR 1 2 3 4 5 MoreIntegrated Circuit Systems
SY100EPT22V3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
100LVELT223.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 Fairchild Semiconductor
NB6L112.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR 1 2 3 4 5 MoreON Semiconductor
ICS85322DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR 1 2 3 4 5 MoreIntegrated Circuit Systems
MC100LVELT203.3V LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
ICS85320ILVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR 1 2 3 4 5 MoreIntegrated Circuit Systems

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl