Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S7328 Datasheet(PDF) 1 Page - Satco Products, Inc.

No. de Pieza. S7328
Descripción  7 watt; Torpedo Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SATCO [Satco Products, Inc.]
Página de inicio  https://www.satco.com/
Logo 

S7328 Datasheet(HTML) 1 Page - Satco Products, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7328
7ETCFL/27
7 watt; Torpedo Compact Fluorescent; 2700K; 82 CRI; Medium
base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7328
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7328
045923073281
120
7
40W
Torpedo
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
Pack
7ETCFL/27
4.8''
1.78''
340
10000
2700
Warm White
48/12
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
82
Lawful for sale in California
1.6 mg
Yes
Yes
2 Year Limited


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn