Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS-CCD1201MM-QL-C Datasheet(PDF) 1 Page - DATEL, Inc.

No. de Pieza. ADS-CCD1201MM-QL-C
Descripción  Electronic Imaging
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DATEL [DATEL, Inc.]
Página de inicio  http://www.datel.com/
Logo 

ADS-CCD1201MM-QL-C Datasheet(HTML) 1 Page - DATEL, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number ADS-CCD1201MM-QL-C, Electronic Imaging
Specifications
Resolution
12 Bit
Number of Channels
1
Sampling Rate
1.2 MHz
Power Consumption
1.7 W
Differential Non-Linearity Error/Other
0.25 LSB
Signal to Noise Ratio
73 dB
Integral Non-Linearity Error/Other
0.5 LSB
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
Input Range 1st (min)
0 V
Input Range 1st (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Total Harmonic Distortion
-84 dB
Package Type
DDIP
RoHS
Yes
Status
Recommended for new design
12 Bit, 1.2MHz (1.2MSPS), Sampling Analog to Digital (A/D) Converter Optimized for CCd Imaging
Applications. 0 to +10V Input range, Edge Triggered, no pipeline delay, -55°C to +125°C temperature range,
RoHS Compliant
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
6/3/2019 | Page 1 of 1


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn