Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L601E8 Datasheet(PDF) 8 Page - Teccor Electronics |
|
L601E8 Datasheet(HTML) 8 Page - Teccor Electronics |
8 / 8 page Sensitive Triacs Data Sheets http://www.teccor.com E1 - 8 ©2004 Littelfuse LP +1 972-580-7777 Thyristor Product Catalog Figure E1.9 Peak Surge Current versus Surge Current Duration Figure E1.10 Power Dissipation (Typical) versus RMS On-state Current (0.8 A and 1 A) Figure E1.11 Power Dissipation (Typical) versus RMS On-state Current (4 A, 6 A, and 8 A) 1 24 36 8 10 20 40 30 60 100 200 400 600 1000 1 2 3 4 6 10 8 20 30 40 60 100 80 150 200 Surge Current Duration – Full Cycles 8 A 6 A 0.8 A SUPPLY FREQUENCY: 60 Hz Sinusoidal LOAD: Resistive RMS On-state Current: [IT(RMS)]: Maximum Rated Value at Specified Case Temperature NOTES: 1) Gate control may be lost during and immediately following surge current interval. 2) Overload may not be repeated until junction temperature has returned to steady-state rated value. 1 A 4 A 0 0.25 0.50 0.75 1.0 1.25 1.5 0 0.5 1.0 1.5 RMS On-state Current [IT(RMS)] – Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ 1 A 0.8 A 0 .5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 8.0 6 A and 8 A 4 A RMS On-state Current [IT(RMS)] – Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ |
Número de pieza similar - L601E8 |
|
Descripción similar - L601E8 |