Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6027G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza 2N6027G
Descripción Electrónicos  Programmable Unijunction Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6027G Datasheet(HTML) 6 Page - ON Semiconductor

  2N6027G Datasheet HTML 1Page - ON Semiconductor 2N6027G Datasheet HTML 2Page - ON Semiconductor 2N6027G Datasheet HTML 3Page - ON Semiconductor 2N6027G Datasheet HTML 4Page - ON Semiconductor 2N6027G Datasheet HTML 5Page - ON Semiconductor 2N6027G Datasheet HTML 6Page - ON Semiconductor 2N6027G Datasheet HTML 7Page - ON Semiconductor 2N6027G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2N6027, 2N6028
http://onsemi.com
6
TO–92 EIA RADIAL TAPE IN FAN FOLD BOX OR ON REEL
H2A
H2A
H
F1
F2
P2
P2
P1
P
D
W
W1
L1
W2
H2B
H2B
T1
T
T2
H4 H5
H1
L
Figure 13. Device Positioning on Tape
Specification
Inches
Millimeter
Symbol
Item
Min
Max
Min
Max
D
Tape Feedhole Diameter
0.1496
0.1653
3.8
4.2
D2
Component Lead Thickness Dimension
0.015
0.020
0.38
0.51
F1, F2
Component Lead Pitch
0.0945
0.110
2.4
2.8
H
Bottom of Component to Seating Plane
.059
.156
1.5
4.0
H1
Feedhole Location
0.3346
0.3741
8.5
9.5
H2A
Deflection Left or Right
0
0.039
0
1.0
H2B
Deflection Front or Rear
0
0.051
0
1.0
H4
Feedhole to Bottom of Component
0.7086
0.768
18
19.5
H5
Feedhole to Seating Plane
0.610
0.649
15.5
16.5
L
Defective Unit Clipped Dimension
0.3346
0.433
8.5
11
L1
Lead Wire Enclosure
0.09842
2.5
P
Feedhole Pitch
0.4921
0.5079
12.5
12.9
P1
Feedhole Center to Center Lead
0.2342
0.2658
5.95
6.75
P2
First Lead Spacing Dimension
0.1397
0.1556
3.55
3.95
T
Adhesive Tape Thickness
0.06
0.08
0.15
0.20
T1
Overall Taped Package Thickness
0.0567
1.44
T2
Carrier Strip Thickness
0.014
0.027
0.35
0.65
W
Carrier Strip Width
0.6889
0.7481
17.5
19
W1
Adhesive Tape Width
0.2165
0.2841
5.5
6.3
W2
Adhesive Tape Position
.0059
0.01968
.15
0.5
NOTES:
1. Maximum alignment deviation between leads not to be greater than 0.2 mm.
2. Defective components shall be clipped from the carrier tape such that the remaining protrusion (L) does not exceed a maximum of 11 mm.
3. Component lead to tape adhesion must meet the pull test requirements.
4. Maximum non–cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches.
5. Holddown tape not to extend beyond the edge(s) of carrier tape and there shall be no exposure of adhesive.
6. No more than 1 consecutive missing component is permitted.
7. A tape trailer and leader, having at least three feed holes is required before the first and after the last component.
8. Splices will not interfere with the sprocket feed holes.


Número de pieza similar - 2N6027G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6027G ONSEMI-2N6027G Datasheet
77Kb / 6P
   Programmable Unijunction Transistor
May, 2006 ??Rev.6
logo
Unisonic Technologies
2N6027G-T92-B UTC-2N6027G-T92-B Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
More results

Descripción similar - 2N6027G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
   Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
   Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
   Programmable unijunction transistor
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com