Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2067 Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de pieza MAX2067
Descripción Electrónicos  50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2067 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2067 Datasheet HTML 1Page - Maxim Integrated Products MAX2067 Datasheet HTML 2Page - Maxim Integrated Products MAX2067 Datasheet HTML 3Page - Maxim Integrated Products MAX2067 Datasheet HTML 4Page - Maxim Integrated Products MAX2067 Datasheet HTML 5Page - Maxim Integrated Products MAX2067 Datasheet HTML 6Page - Maxim Integrated Products MAX2067 Datasheet HTML 7Page - Maxim Integrated Products MAX2067 Datasheet HTML 8Page - Maxim Integrated Products MAX2067 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
50MHz to 1000MHz High-Linearity,
Serial/Analog-Controlled VGA
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
+3.3V SUPPLY DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, high-current (HC) mode, VCC = VDD = +3.0V to +3.6V, TC = -40°C to +85°C. Typical values are at VCC =
VDD = +3.3V and TC = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Based on junction temperature TJ = TC + (θJC x VCC x ICC). This formula can be used when the temperature of the exposed
pad is known while the device is soldered down to a printed-circuit board (PCB). See the
Applications Information section
for details. The junction temperature must not exceed +150°C.
Note 2: Junction temperature TJ = TA + (θJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150°C.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a 4-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 4: TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
VCC_ to GND ........................................................-0.3V to +5.5V
VDD_LOGIC, DATA, CS, CLK, VDAC_EN,
VREF_SELECT.....................................-0.3V to (VCC_ + 0.3V)
AMP_IN, AMP_OUT, VREF_IN,
ANALOG_VCTRL ................................-0.3V to (VCC_ + 0.3V)
ATTEN_IN, ATTEN_OUT........................................-1.2V to +1.2V
RSET to GND.........................................................-0.3V to +1.2V
RF Input Power (ATTEN_IN, ATTEN_OUT).....................+20dBm
RF Input Power (AMP_IN)...............................................+18dBm
Continuous Power Dissipation (Note 1) ...............................6.5W
θJA (Notes 2, 3)..............................................................+38°C/W
θJC (Note 3) ...................................................................+10°C/W
Operating Temperature Range (Note 4) .....TC = -40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
Note 5
3.0
3.3
3.6
V
Supply Current
ICC
60
82
mA
LOGIC INPUTS (DATA,
CS, CLK, VDAC_EN, VREF_SELECT)
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
+5V SUPPLY DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, VCC = VDD = +4.75V to +5.25V, TC = -40°C to +85°C. Typical values are at VCC = VDD = +5V and
TC = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5
5.25
V
Low-current (LC) mode
72
92
Supply Current
ICC
High-current (HC) mode
123
146
mA
LOGIC INPUTS (DATA,
CS, CLK, VDAC_EN, VREF_SELECT)
Input High Voltage
VIH
3V
Input Low Voltage
VIL
0.8
V
Input Current Logic-High
IIH
-1
+1
µA
Input Current Logic-Low
IIL
-1
+1
µA


Número de pieza similar - MAX2067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX206 MAXIM-MAX206 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX206 MAXIM-MAX206 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX206 ARTSCHIP-MAX206 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Descripción similar - MAX2067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2066ETL MAXIM-MAX2066ETL Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2066 MAXIM-MAX2066 Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2063 MAXIM-MAX2063 Datasheet
2Mb / 22P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 6/10
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com