Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX2202EWTT10 Datasheet(PDF) 7 Page - Maxim Integrated Products

No. de Pieza. MAX2202EWTT10
Descripción  RMS Power Detector
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX2202EWTT10 Datasheet(HTML) 7 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1k
Ω to avoid loading the RF input signal. There is an
internal resistor to GND of approximately 50kΩ. If the
control source high voltage is greater than 2.8V, calcu-
late and use a resistor value that ensures the ENA pin
only sees a maximum of 2.7V, which is within specifica-
tion. In this manner, the device can be driven from a
control device with a logic-high greater than 2.8V.
Evaluation Kit Information
MAX2202 EV kit gerber files, schematic, BOM, and
other updates are available on the MAX2202 product
page at Maxim’s website (www.maxim-ic.com).
Layout
The device is not particularly sensitive to the layout
since it only needs 3dBm for maximum output voltage.
However, there are two areas that need attention: the
GND pins and the supply bypassing. Connect the GND
pins to the PCB ground with a ground via as close as
possible, and bypass VCC to ground with a capacitor
as close as possible to the part.
RMS Power Detector
_______________________________________________________________________________________
7
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land pat-
terns (footprints), go to www.maxim-ic.com/packages.
Note that a “+”, “#”, or “-” in the package code indi-
cates RoHS status only. Package drawings may show a
different suffix character, but the drawing pertains to
the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
6 WLP
W61B1+1
21-0217
Refer to
Application
Note 1891


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn